Part Number Hot Search : 
FM31272 M74ALS1 CSMC550 C9S12 00035 ML4835CP MMSZ4679 STPM1108
Product Description
Full Text Search
 

To Download UCD1V220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
CD
Chip Type, Low Impedance
series
Chip type, low impedance temperature range up to +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
CD
Low Impedance
UD
Specifications
Item
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current - 55 ~ +105C 6.3 ~ 100V 1 ~ 3300F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A), whichever is greater. Measurement frequency : 120Hz, Temperature : 20C tan Rated voltage (V) tan (MAX.) 6.3 0.26 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.08 80 0.08 100 0.07
Performance Characteristics
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Measurement frequency : 120Hz Rated voltage (V) Stability at Low Temperature Impecance ratio Z--40C / Z+20C ZT / Z20 (MAX.) Z--55C / Z+20C After 5000 hours' (2000 hours for L Endurance or less, and for L Z--25C / Z+20C 6.3 2 3 4 10 mm: 50V 10 2 3 4 16 2 3 4 25 2 3 3 35 2 3 3 50 2 3 3 63 2 3 3 80 2 3 3 100 2 3 3
Capacitance Change tan Leakage current
Within 30% of initial value for capacitors 200% or less initial specified value 300% or less initial specified value for 63V or more Initial specified value or less
10mm: 63V or more) application of
rated voltage at 105C, capacitors meet the characteristics requirements listed at right.
Shelf Life
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance Change tan Leakage current Within 10% of initial value Initial specified value or less Initial specified value or less
Resistance to soldering heat Marking
for 30 seconds. After removing from the hot plate and restored at room temperature, they meet the characteristics requirements listed at right. Black print on the case top.
Chip Type
Voltage ( j : 6.3V )
Type numbering system (Example : 16V 100F)
Positive Series Plastic platform 0.3 MAX.
0.5 MAX.
(4 ~ 8 x 6.2)
1 Trade mark
1
2
3
4
5
6
7
8
9
10 11 12 13 14
UCD 1C 1 0 1 M CL 1 GS
Package code
A 0.2 A 0.2
C 0.2
D 0.5
B 0.2
A2 47 j CD
Size Package 4 ~ 10 Taping 12.5 ~ 18 Taping 12.5 ~ 18 Tray
Code GS MS ZD Size code
Lot No.
Capacitance
L 0.3 H
E
Negative
Configuration Capacitance tolerance (20%) Rated Capacitance (100F)
D Code 4 ~ 6.3 CL 8 (6.2L) CL 8 (10L) * 10 NL 12.5~18 NQ
1: Size 8 x 6.2 only
(8 x 10, 10 x 10)
Voltage ( E : 25V )
Positive Plastic platform 0.3 MAX. C 0.2
0.5 MAX.
Rated voltage (16V) Series name
Trade mark
Series
D 0.5
A 0.2 A 0.2
Type
(mm)
DxL
A2 220E CD
B0.2
Lot No.
Pressure relief vent Capacitance
L 0.5 H
Negative
A B C E L H
DxL
8 x 10 10 x 10 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 6.2 2.9 3.2 3.3 1.8 2.1 2.4 2.4 8.3 10.3 8.3 4.3 5.3 6.6 6.6 8.3 10.3 8.3 4.3 5.3 6.6 6.6 3.1 4.5 2.3 1.0 1.3 2.2 2.2 10 10 6.2 5.8 5.8 5.8 7.7 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1 12.5 x 13.5 16 x 16.5 18 x 16.5 4.8 5.4 6.4 13.6 17.1 19.1 13.6 17.1 19.1 4.0 6.3 6.3 13.5 16.5 16.5 1.0 ~ 1.4 1.0 ~ 1.4 1.0 ~ 1.4
Plastic platform Voltage Lot No.
D 0.5
0.5 MAX.
(12.5 ~ 18)
Trade mark
E
Positive 0.3 MAX.
C 0.2
A 0.2 A 0.2
B 0.2
A B C E L H
nichicon
330 F CD 50V H0515
E
Pressure relief vent Capacitance Series
L 1.0
Voltage
H Negative
V Code 6.3 j 10 A 16 C 25 E 35 V 50 H 63 J 80 K 100 2A
Dimension table in next page.
CAT.8100V-3
ALUMINUM ELECTROLYTIC CAPACITORS
CD
Cap. (F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 1.35 1.35 0.70 90 90 160 4 x 5.8 5 x 5.8 6.3 x 5.8
50 1H
2.70 2.70 2.70 2.70 1.50 0.86 60 60 60 60 90 170
1 2.2 3.3 4.7 10 15 22 27 33
010 2R2 3R3 4R7 100 150 220 270 330
4 x 5.8 4 x 5.8 5 x 5.8 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 6.2 1.35 1.35 0.70 1.35 0.70 0.70 0.36 0.70 0.36 0.36 0.36 0.32 0.26 90 90 160 90 160 160 240 160 240 240 240 290 300 4 x 5.8 5 x 5.8 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 6.2 8 x 10 1.35 0.70 1.35 0.70 0.36 0.36 0.36 0.36 0.36 0.32 0.26 0.16 90 160 90 160 240 240 240 240 240 290 300 600 4 x 5.8 4 x 5.8 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 6.2 8 x 10 1.35 1.35 1.35 0.70 0.70 0.36 0.70 0.36 0.36 0.36 0.36 0.32 0.32 0.26 0.16 90 90 90 160 160 240 160 240 240 240 240 290 290 300 600 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 6.2 8 x 10 8 x 10 1.35 0.70 0.70 0.36 0.70 0.36 0.36 0.36 0.36 0.32 0.26 0.16 0.16 90 160 160 240 160 240 240 240 240 290 300 600 600 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 8 x 10 0.32 0.32 0.16 0.16 0.16 290 290 600 600 600 6.3 x 5.8 0.36 240 5 x 5.8 0.70 160
4 x 5.8 5 x 5.8
6.3 x 5.8
0.86
170
6.3 x 7.7 8 x 6.2 6.3 x 7.7 8 x 6.2
0.66 0.63 0.66 0.63
195 200 195 200
47 56 68 100 150 220
470 560 680 101 151 221
6.3 x 5.8
0.36
240
8 x 10 10 x 10 10 x 10
0.32 0.16 0.16
350 700 700
330 390 470 680 1000 1500 2200 3300
331 391 471 681 102 152 222 332
8 x 10
0.16
600
10 x 10
0.08
850 12.5 x 13.5 12.5 x 13.5
0.12 0.12
900 900
8 x 10 8 x 10 8 x 10 10 x 10
0.16 0.16 0.16 0.08
600 600 600 850
8 x 10 10 x 10 10 x 10
0.16 0.08 0.08
600 850 850
8 x 10 10 x 10
0.16 0.08
600 850
10 x 10
0.08
850
12.5 x 13.5 12.5 x 13.5
0.08 0.08
1100 1100
16 x 16.5 16 x 16.5
0.073 1610 0.073 1610
12.5 x 13.5 12.5 x 13.5 0.08 1100
0.08
1100
16 x 16.5 0.035 1800
12.5 x 13.5 12.5 x 13.5 0.08 1100
0.08
1100
16 x 16.5 0.035 1800
Case size Rated Impedance D x L ripple
(mm)
V Cap. (F) Code
63 1J
5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 6.2 8 x 10 8 x 10 10 x 10 10 x 10 12.5 x 13.5 12.5 x 13.5 3.00 1.50 1.20 1.20 0.65 0.65 0.35 0.35 0.16 0.16 50 80 120 120 250 250 6.3 x 5.8 6.3 x 7.7 8 x 6.2 8 x 10 8 x 10 10 x 10
80 1K
5.00 3.00 2.40 2.40 1.30 1.30 0.70 0.32 0.32 0.32 25 40 60 60 130 130 200 500 500 500 8 x 10 10 x 10 12.5 x 13.5 12.5 x 13.5 16 x 16.5 16 x 16.5 18 x 16.5 16 x 16.5 0.17 0.15 793 917 18 x 16.5
100 2A
3.3 4.7 10
3R3 4R7 100
22 33 47 68 100 150 220 330 470 680
220 330 470 680 101 151 221 331 471 681
1.30 0.70 0.32 0.32 0.17 0.17 0.15 0.15
130 200 500 500 793 793 917 917
400 12.5 x 13.5 400 12.5 x 13.5 800 12.5 x 13.5 800
16 x 16.5 0.082 1410 18 x 16.5 0.08 1690
18 x 16.5
Case size Rated Impedance D x L ripple
(mm)
Max. Impedance () at 20C 100kHz, Rated Ripple (mArms) at 105C 100kHz : In this case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
Frequency Coefficient 50Hz 0.35 120Hz 0.50 300Hz 0.64 1kHz 0.83 10kHz~ 1.00
Taping specifications are given in page 24. Recommended land size, soldering by refrow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V-3


▲Up To Search▲   

 
Price & Availability of UCD1V220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X